Part Number Hot Search : 
1102B TCJA106M D150M UNR4119 512K3 H7P0601 ID301 MHR66TF
Product Description
Full Text Search
 

To Download 586-105111-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type 586 sealed solenoid features ? water resistant ? double-make or double-break contacts ? capable of handling high and low current requirements ? black impact phenolic casing engineering data contacts ? pole formCspno and spdt ? materialCsilver alloy ? terminationC 5 / 16 -24 unf-2a thread ra tings v olts dc 6 12 24 & 36 cont. 200a 200 a 200 a inrush 600 a 600 a 600 a no nc cont. 100a 100 a 100 a inrush 300 a 300 a 200 a coil d ata v olts dc 6 12 15 18 24 36 48 resistance in ohms intermittent continuous spdt 2.2 8.4 13.1 18.4 33.6 75.6 134.0 spno 3.3 13.2 21.0 30.0 53.0 120.0 213.0 spdt 3.3 13.2 21.0 30.0 53.0 120.0 213.0 spno 5.25 21.0 32.8 47.0 84.0 189.0 336.0 inter mittent?special request only white-rodgers dc products r-4005b 1232 general data dielectric strength ? 500 volts temperature range ? -40f/-40c to 149f/65c mechanical life (no load) ? 100,000 cycles electrical life (rated loadmaking and break - ing 200 amp on no contacts) ? 50,000 cycles mounting position ? recommended mounting is vertical plane with coil terminals up weight (approximate) ? spnoC24.0 oz. ? spdtC26.0 oz. duty cycle ? continuous ? intermittent10 seconds on maximum and minimum 60 seconds off one minute on maximum and minimum 6 minutes off hardware torque specifcation ? contact terminal: 60 inch-lbs. max. ? coil terminal: 12-18 inch-lbs. max. coils ? voltageC6 vdc through 48 vdc ? terminationC#10-32 unf-2a thread ? power (approximate) continuous 12 watts spdt, 8 watts spno ? connections coil isolated (two terminals) ? operate (77f/25c) 67% of nominal coil voltage (intermittent) 110% max. safe of nominal coil voltage st. louis, missouri markham, ontario 314-553-3600 905-948-3411 www.white-rodgers.com the emerson logo is a trademar k and a ser vice mar k of emerson electr ic co .
type 586 pa rt numbering system 586 ? x xx x x x - x coil v oltage/duty 02 ? 6 v olt continuous 05 ? 12 v olt continuous 08 ? 15 v olt continuous 14 ? 24 v olt continuous 16 ? 28 v olt continuous 17 ? 36 v olt continuous 20 ? 48 v olt continuous basic pa rt number series f actory assigned specials (where undefined, contact factory) no dash ? standard assem- bl y, hardw are sent b ulk 2 ? customer requested mar kings 3 ? customer requested mar kings 3a ? customer requested mar kings 5 ? customer requested mar kings 6 ? customer requested mar kings 6a ? customer requested mar kings 7 ? customer requested mar kings contact material 1 ? agcdo mounting brac ket 1 ? standard brac ke t contact form 1 ? spno 3 ? spdt coil t ermination 1 ? isolated r-4005c 1232 application notes ? not all part number combinations are available. please contact your sales representative for available part numbers. ? solenoids applied in battery charging circuits should be protected from higher than rated voltage during charging. the service life may be affected by this condition and the solenoid may or may not operate the circuit as intended. ? circuits should be designed to provide safe operation should the solenoid fail in either the open or closed position. spdt ? isolated coil spno ? isolated coil l 4.618 h 2.797 .281 wide x .640 long slo t normall y closed normall y open normall y open 5/16-24 unf-2a x .594 long circuit dia gram circuit dia gram #10-32 unf-2a x .375 long 2.300 w 3.300 l 3.688 2.300 w 3.300 .281 wide x .640 long slo t 5/16-24 unf-2a x .594 long #10-32 unf-2a x .375 long 1.156 1.274 .594 1.156 .594 h 2.797 1.274 1.375 1.375
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: white-rodgers: ? 586 317111


▲Up To Search▲   

 
Price & Availability of 586-105111-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X